PART |
Description |
Maker |
ICL7106C_D ICL7106CJL ICL7106CPL ICL7106CQH ICL710 |
3 1/2 Digital ADC(3 1/2浣??锛??????ユ恫?舵?绀洪┍?ㄥ???DC) 3ㄖ DIGIT A/D CONVERTER 3 Digit A/D Converter Analog to Digital Converter - Datasheet Reference 3? Digit A/D Converter 3? Digit A/D Converter PTSE 18C 18#20 SKT PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 3Digit A/D Converter 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, CDIP40 3??Digit A/D Converter
|
MAXIM - Dallas Semiconductor Dallas Semiconductor Corp Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
NPH25S2415EI NPH25S4815EI NPH25S2412EI NPH25S4812E |
DC/DC CONVERTER 15V 1.7A DC/DC CONVERTER 12V 2.1A 直流/直流转换12V.1A DC/DC CONVERTER 3V 7.3A
|
Electronic Theatre Controls, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
DC/DCTMV-1212S DC/DCTMV-1205S DC/DCTMV-2405D DC/DC |
DC/DC Converter 1Watt(41.50 k) 直流/直流转换瓦(41.50十一 DC/DC Converter 2-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
TRACO ELECTRONIC AG
|
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|
1WS-1212 1WS-1205 1WS-1209 1WS-2405 1WS-2409 1WS-2 |
DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|